Part Number Hot Search : 
P4KE30 1R00G 100KPGS W9812 MAXIM 80020 OPE5T87 VTP8551
Product Description
Full Text Search
 

To Download HMC475ST89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 74 HMC475ST89 / 475st89e ingap hbt gain block mmic amplifier, dc - 4.5 ghz v02.0710 functional diagram general description the HMC475ST89(e) is a ingap heterojunction bipolar transistor (hbt) gain block mmic smt amplifi er covering dc to 4.5 ghz. packaged in an industry standard sot89, the amplifi er can be used as a cascadable 50 ohm rf/if gain stage as well as a lo or pa driver with up to +25 dbm output power. the HMC475ST89(e) offers 21.5 db of gain and +35 dbm output ip3 at 850 mhz while requiring only 110 ma from a single positive supply. the darlington topology results in reduced sensitivity to normal process variations and excellent gain stability over temperature while requiring a minimal number of external bias components. typical applications the HMC475ST89 / HMC475ST89e is an ideal rf/if gain block & lo or pa driver: ? cellular / pcs / 3g ? fixed wireless & wlan ? catv, cable modem & dbs ? microwave radio & test equipment ? if and rf applications electrical specifi cations, vs= 8.0 v, rbias= 9.1 ohm, t a = +25 c parameter min. typ. max. units gain dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 4.0 - 4.5 ghz 19.5 17.5 14.5 11. 5 9 21.5 19.5 16.5 13.5 12 db db db db db gain variation over temperature dc - 4.5 ghz 0.008 0.012 db/ c input return loss dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 4.5 ghz 11 14 14 db db db output return loss dc - 1.0 ghz 1.0 - 4.5 ghz 13 10 db db reverse isolation dc - 4.5 ghz 25 db output power for 1 db compression (p1db) dc - 1.0 ghz 1.0 - 2.0 ghz 2.0 - 3.0 ghz 3.0 - 4.0 ghz 4.0 - 4.5 ghz 19.0 18.0 17.5 13.0 11. 0 22.0 21.0 19.5 16.0 14.0 dbm dbm dbm dbm dbm output third order intercept (ip3) (pout= 0 dbm per tone, 1 mhz spacing) dc - 2.5 ghz 2.5 - 4.5 ghz 35 30 dbm dbm noise figure dc - 3.0 ghz 3.0 - 4.5 ghz 3.5 3.8 db db supply current (icq) 110 135 ma note: data taken with broadband bias tee on device output. features p1db output power: +22 dbm gain: 21.5 db output ip3: +35 dbm cascadable 50 ohm i/os single supply: +8v to +12v industry standard sot89 package
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 75 output return loss vs. temperature broadband gain & return loss gain vs. temperature reverse isolation vs. temperature input return loss vs. temperature noise figure vs. temperature -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 0123456 s21 s11 s22 response (db) frequency (ghz) 0 2 4 6 8 10 12 14 16 18 20 22 24 26 012345 +25c +85c -40c gain (db) frequency (ghz) -35 -30 -25 -20 -15 -10 -5 0 012345 +25c +85c -40c return loss (db) frequency (ghz) -25 -20 -15 -10 -5 0 012345 +25c +85c -40c return loss (db) frequency (ghz) -40 -30 -20 -10 0 012345 +25c +85c -40c reverse isolation (db) frequency (ghz) 0 2 4 6 8 10 012345 +25c +85c -40c noise figure (db) frequency (ghz) HMC475ST89 / 475st89e v02.0710 ingap hbt gain block mmic amplifier, dc - 4.5 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 76 gain, power & oip3 vs. supply voltage for constant icc= 110 ma @ 850 mhz p1db vs. temperature psat vs. temperature output ip3 vs. temperature vcc vs. icc over temperature for fixed vs= 8v, r bias = 9.1 ohms 0 4 8 12 16 20 24 28 012345 +25c +85c -40c p1db (dbm) frequency (ghz) 0 4 8 12 16 20 24 28 012345 +25c +85c -40c psat (dbm) frequency (ghz) HMC475ST89 / 475st89e v02.0710 0 6 12 18 24 30 36 42 8 9 10 11 12 gain p1db psat ip3 gain (db), p1db (dbm), psat (dbm), ip3 (dbm) vs (vdc) 75 80 85 90 95 100 105 110 115 120 125 130 135 140 6.9 7 7.1 7.2 7.3 7.4 7.5 icc (ma) vcc (vdc) +85c +25c -40c 15 20 25 30 35 40 45 012345 +25c +85c -40c ip3 (dbm) frequency (ghz) ingap hbt gain block mmic amplifier, dc - 4.5 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 77 outline drawing absolute maximum ratings collector bias voltage (vcc) +8.0 vdc rf input power (rfin)(vcc = +7.2 vdc) +17 dbm junction temperature 150 c continuous pdiss (t = 85 c) (derate 16.86 mw/c above 85 c) 1.09 w thermal resistance (junction to lead) 59.3 c/w storage temperature -65 to +150 c operating temperature -40 to +85 c part number package body material lead finish msl rating package marking [3] HMC475ST89 low stress injection molded plastic sn/pb solder msl1 [1] h475 xxxx HMC475ST89e rohs-compliant low stress injection molded plastic 100% matte sn msl1 [2] h475 xxxx [1] max peak refl ow temperature of 235 c [2] max peak refl ow temperature of 260 c [3] 4-digit lot number xxxx package information electrostatic sensitive device observe handling precautions HMC475ST89 / 475st89e v02.0710 ingap hbt gain block mmic amplifier, dc - 4.5 ghz notes: 1. package body material: molding compound mp-180s or equivalent. 2. lead material: cu w/ ag spot plating. 3. lead plating: 100% matte tin. 4. dimensions are in inches [millimeters] 5. dimension does not include moldflash of 0.15mm per side. 6. dimension does not include moldflash of 0.25mm per side. 7. all ground leads must be soldered to pcb rf ground.
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 78 application circuit recommended component values for key application frequencies component frequency (mhz) 50 900 1900 2200 2400 3500 4500 l1 270 nh 56 nh 18 nh 18 nh 15 nh 8.2 nh 6.8 nh c1, c2 0.01 f 100 pf 100 pf 100 pf 100 pf 100 pf 100 pf note: 1. external blocking capacitors are required on rfin and rfout. 2. r bias provides dc bias stability over temperature. recommended bias resistor values for icc= 110 ma, rbias= (vs - vcc) / icc supply voltage (vs) 8v 9v 10v 12v r bias v alue 9.1 18 27 43 r bias p ower r ating ? w? w? w 1 w pin descriptions pin number function description interface schematic 1in this pin is dc coupled. an off chip dc blocking capacitor is required. 3 out rf output and dc bias (vcc) for the output stage. 2, 4 gnd these pins and package bottom must be connected to rf/ dc ground. HMC475ST89 / 475st89e v02.0710 ingap hbt gain block mmic amplifier, dc - 4.5 ghz
for price, delivery and to place orders: hittite microwave corporation, 20 alpha road, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com amplifiers - driver & gain block - smt 8 8 - 79 evaluation pcb the circuit board used in the fi nal application should use rf circuit design techniques. signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation board should be mounted to an appropriate heat sink. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb 116092 [1] item description j1 - j2 pcb mount sma connector j3 - j4 dc pin c1, c2 capacitor, 0402 pkg. c3 100 pf capacitor, 0402 pkg. c4 1000 pf capacitor, 0603 pkg. c5 2.2 f capacitor, tantalum r1 resistor, 1206 pkg. l1 inductor, 0603 pkg. u1 HMC475ST89 / HMC475ST89e pcb [2] 107368 evaluation pcb [1] reference this number when ordering complete evaluation pcb [2] circuit board material: rogers 4350 HMC475ST89 / 475st89e v02.0710 ingap hbt gain block mmic amplifier, dc - 4.5 ghz


▲Up To Search▲   

 
Price & Availability of HMC475ST89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X